Part Number Hot Search : 
AD674BBR TM300 2SK3480 FDMA7630 AN4208 LTC3125 LA47510 STB10120
Product Description
Full Text Search
 

To Download EHF-105-01-L-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27mm) .050" ehf, ecf series ehf?125?01?l?d?sm?lc polarized (1,27mm) .050" pitch optional locking clip ejector mechanism ehf?110?01?f?d?sm?lc ehf?105?01?f?d?sm www.samtec.com mates with: ffsd, fftp ehf 1 no. pins per row 01 d plating option 05, 08, 10, 13, 17, 20, 25 ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail f-210 ?p note: some lengths, styles and options are non-standard, non-returnable. other option 01 02 no. of positions x (1,27) .050 + (14,48) .570 no. of positions x (1,27) .050 + (7,37) .290 (1,27) .050 (0,41) .016 sq (3,05) .120 (1,52) .060 (3,05) .120 (8,26) .325 (11,30) .445 (7,52) .296 (8,51) .335 (6,67) .263 (3,43) .135 x (5,08) .200 (7,44) .293 (1,27) .050 (2,72) .107 (1,27) .050 (1,27) .050 (2,29) .090 ??xx? = polarized position (?ra not available) ?lc = locking clip (?sm only) ?k = (7,50mm) .295" dia polyimide film pick & place pad ?p = pick & place pad (?sm only) ?tr = tape & reel packaging (?lc not available) for complete speci cations and rec om mend ed pcb layouts see www.samtec.com?ehf insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni current rating: 1.75a @ 80? ambient operating temp range: -55? to +125? rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead-free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (latch removed for clarity) tail option leave blank for through- hole version ?sm = surface mount ?ra =right angle ?ra ?sm ?th ?th ?sm ?ra ecf 05, 08, 10, 13, 17, 20, 25 ejector header cap (locks ffsd cable to ehf header) no. pins per row no. of positions x (1,27) .050 + (18,03) .710 (8,76) .345 (9,65) .380 specifications shrouded idc ejector header


▲Up To Search▲   

 
Price & Availability of EHF-105-01-L-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X